Part Number Hot Search : 
CJ110 68HC08 PCF85 HY27U 5236B PS106R 112SN TEA1204T
Product Description
Full Text Search
 

To Download MM74HC4049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC4049 * MM74HC4050 Hex Inverting Logic Level Down Converter * Hex Logic Level Down Converter
February 1984 Revised October 1999
MM74HC4049 * MM74HC4050 Hex Inverting Logic Level Down Converter * Hex Logic Level Down Converter
General Description
The MM74HC4049 and the MM74HC4050 utilize advanced silicon-gate CMOS technology, and have a modified input protection structure that enables these parts to be used as logic level translators which will convert high level logic to a low level logic while operating from the low logic supply. For example, 0-15V CMOS logic can be converted to 0-5V logic when using a 5V supply. The modified input protection has no diode connected to VCC, thus allowing the input voltage to exceed the supply. The lower zener diode protects the input from both positive and negative static voltages. In addition each part can be used as a simple buffer or inverter without level translation. The MM74HC4049 is pin and functionally compatible to the CD4049BC and the MM74HC4050 is compatible to the CD4050BC
Features
s Typical propagation delay: 8 ns s Wide power supply range: 2V-6V s Low quiescent supply current: 20 A maximum (74HC) s Fanout of 10 LS-TTL loads
Ordering Code:
Order Number MM74HC4049M MM74HC4049SJ MM74HC4049MTC MM74HC4049N MM74HC4050M MM74HC4050SJ MM74HC4050MTC MM74HC4050N Package Number Package Description M16A M16D MTC16 N16E M16A M16D MTC16 N16E 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
MM74HC4049
MM74HC4050
(c) 1999 Fairchild Semiconductor Corporation
DS005214
www.fairchildsemi.com
MM74HC4049 * MM74HC4050
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IZK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW -0.5 to +7.0V -1.5 to +18V -0.5 to VCC +0.5V -20 mA 25 mA 50 mA -65C to +150C
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V 1000 500 400 ns ns ns -40 +85 C 0 VCC V 2 0 Max 6 15 Units V V
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT | 20 A Conditions
(Note 4)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 2.0 TA = -40C to 85C TA = -55C to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5 20 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 5 40 V V V V V V V V V V V V V V V V A A A Units
VIN = VIH or VIL |IOUT | 4.0 mA |IOUT | 5.2 mA VOL Maximum LOW Level Output Voltage VIN = VIH or VIL |IOUT | 20 A 2.0V 4.5V 6.0V VIN = VIH or VIL |IOUT | 4 mA |IOUT | 5.2 mA IIN ICC Maximum Input Current VIN = VCC or GND VIN = 15V Maximum Quiescent Supply VIN = VCC or GND Current IOUT = 0 A 4.5V 6.0V 6.0V 2.0V 6.0V 4.5V 6.0V
Note 4: For a power supply of 5V 10% the worst case output voltages (VOH and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HC4049 * MM74HC4050
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPHL, tPLH Parameter Maximum Propagation Delay Conditions Typ 8 Guaranteed Limit 15 Units ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL, tPLH Parameter Maximum Propagation Delay tTHL, tTLH Maximum Output Rise and Fall Time CPD CIN Power Dissipation Capacitance (Note 5) Maximum Input Capacitance
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
Conditions
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
TA = 25C Typ 30 10 9 25 7 6 25 5 10 85 17 15 75 15 13
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 100 20 18 95 19 16 130 26 22 110 22 19
Units ns ns ns ns ns ns pF
(per gate)
10
10
pF
3
www.fairchildsemi.com
MM74HC4049 * MM74HC4050
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
4
MM74HC4049 * MM74HC4050
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
5
www.fairchildsemi.com
MM74HC4049 * MM74HC4050 Hex Inverting Logic Level Down Converter * Hex Logic Level Down Converter
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HC4049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X